Electronic Components Datasheet Search
  English  ▼

X  

VO3053 Datasheet (PDF) - Vishay Siliconix

Part # VO3053
Description  Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
File Size   130.64 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO3053 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - VO3053

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3053 VISHAY-VO3053 Datasheet
130Kb / 8P
Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
07-Nov-06
VO3053 VISHAY-VO3053 Datasheet
125Kb / 6P
Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
11-Aug-11
VO3053 VISHAY-VO3053 Datasheet
191Kb / 11P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
12-May-17
VO3053-X006 VISHAY-VO3053-X006 Datasheet
130Kb / 8P
Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
07-Nov-06
VO3053-X006 VISHAY-VO3053-X006 Datasheet
125Kb / 6P
Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
11-Aug-11
More results


Similar Description - VO3053

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
07-Nov-06
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
23-Oct-08
VO3062 VISHAY-VO3062_08 Datasheet
117Kb / 7P
Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
23-Oct-08
VOM160 VISHAY-VOM160 Datasheet
117Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
22-May-12
VOM3052 VISHAY-VOM3052 Datasheet
116Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
22-May-12
VO3052 VISHAY-VO3052_17 Datasheet
191Kb / 11P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
12-May-17
VOM3052 VISHAY-VOM3052_15 Datasheet
125Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
27-Jan-15
VO3062 VISHAY-VO3062_V01 Datasheet
210Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
03-Dec-2020
VOM3052 VISHAY-VOM3052_V01 Datasheet
126Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
27-Jan-15
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com