Electronic Components Datasheet Search
  English  ▼

X  

TLHE5400 Datasheet (PDF) - Vishay Siliconix

Part # TLHE5400
Description  High Intensity LED, 5 mm Tinted Diffused Package
File Size   73.36 Kbytes
Html View  1   2   3   4   5 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHE5400 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - TLHE5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHE510 VISHAY-TLHE510 Datasheet
265Kb / 9P
High Intensity LED, ∅ 5 mm Untinted Non-Diffused
31-Aug-04
TLHE510 VISHAY-TLHE510 Datasheet
117Kb / 6P
High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
27-Sep-2021
TLHE5100 VISHAY-TLHE5100 Datasheet
265Kb / 9P
High Intensity LED, ∅ 5 mm Untinted Non-Diffused
31-Aug-04
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
High Intensity LED, 5 mm Untinted Non-Diffused
04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
448Kb / 4P
High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
29-Apr-13
More results


Similar Description - TLHE5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
High Intensity LED, 5 mm Tinted Diffused
30-Aug-04
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Tinted Diffused Package
03-Apr-99
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
TLDR6400 VISHAY-TLDR6400_V01 Datasheet
481Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR5400 VISHAY-TLDR5400_V01 Datasheet
552Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHF5400 VISHAY-TLHF5400_V01 Datasheet
103Kb / 4P
High Intensity LED, Ø 5 mm Tinted Diffused Package
20-Sep-2021
TLHK5400 VISHAY-TLHK5400_V01 Datasheet
337Kb / 4P
High Intensity LED in Ø 5 mm Tinted Diffused Package
02-May-13
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com