Electronic Components Datasheet Search
  English  ▼

X  

HFA16PB120PBF Datasheet (PDF) - Vishay Siliconix

Part # HFA16PB120PBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 16 A
File Size   149.55 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA16PB120PBF Datasheet (PDF) - Vishay Siliconix



Similar Part No. - HFA16PB120PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA16PB120PBF IRF-HFA16PB120PBF Datasheet
176Kb / 6P
Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA16PB120PBF VISHAY-HFA16PB120PBF Datasheet
169Kb / 7P
Ultrafast Soft Recovery Diode, 16 A
30-Jul-08
HFA16PB120PBF VISHAY-HFA16PB120PBF Datasheet
171Kb / 7P
Ultrafast Soft Recovery Diode, 16 A
25-Jul-08
More results


Similar Description - HFA16PB120PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 4 A
19-Feb-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 8 A
22-Feb-10
HFA15PB60PBF VISHAY-HFA15PB60PBF_11 Datasheet
175Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 15 A
16-May-11
HFA32PA120CPBF VISHAY-HFA32PA120CPBF_11 Datasheet
157Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 16 A
23-May-11
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
HEXFRED Ultrafast Soft Recovery Diode, 30 A
14-May-13
VS-HFA16TB120PBF VISHAY-VS-HFA16TB120PBF Datasheet
168Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 16 A
18-Aug-11
VS-HFA16PB120HN3 VISHAY-VS-HFA16PB120HN3 Datasheet
157Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 16 A
05-Apr-16
VS-HFA16TB120SHM3 VISHAY-VS-HFA16TB120SHM3 Datasheet
151Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 16 A
28-Nov-14
VS-HFA16TB120SPBF VISHAY-VS-HFA16TB120SPBF Datasheet
165Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 16 A
26-Feb-16
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com