Electronic Components Datasheet Search
  English  ▼

X  

1769829 Datasheet (PDF) - PHOENIX CONTACT

Part # 1769829
Description  Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
File Size   151.23 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1769829 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1769829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769829 PHOENIX-1769829 Datasheet
116Kb / 4P
MSTB 2,5/ 4-ST BD:1-4
1769829 PHOENIX-1769829 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1769829 PHOENIX-1769829 Datasheet
105Kb / 4P
MSTB 2,5/ 4-ST-5,08 BD:1-4
1769829 PHOENIX-1769829 Datasheet
170Kb / 6P
MVSTBR 2,5/ 4-ST
1769829 PHOENIX-1769829 Datasheet
151Kb / 6P
MVSTBW 2,5/ 4-ST
More results


Similar Description - 1769829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLH16 PHOENIX-PLH16 Datasheet
189Kb / 6P
PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number of positions: 5, Type of connection: Spring-cage conn., Assembly: Soldering, Conductor/PCB connection direction: 0 째, Color: green
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
2908993 PHOENIX-2908993 Datasheet
76Kb / 5P
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
1870909 PHOENIX-1870909 Datasheet
121Kb / 4P
PCB terminal block, nominal current: 22 A, nom. voltage: 400 V, pitch: 5.08 mm
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
, rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
2896283 PHOENIX-2896283 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black
2713645 PHOENIX-2713645 Datasheet
67Kb / 3P
DIN rail connector, nominal current: 8 A, number of positions: 5, pitch: 3.81 mm, color: light gray
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com