Electronic Components Datasheet Search
  English  ▼

X  

SDDH15PNBTD Datasheet (PDF) - List of Unclassifed Manufacturers

Part # SDDH15PNBTD
Description  Plug viewed from above, socket viewed from below.
File Size   811.39 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDDH15PNBTD Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - SDDH15PNBTD

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDH ALPS-SDDH Datasheet
971Kb / 3P
IP68 water resistant, enabling submerged operation
SDDHA10100 ALPS-SDDHA10100 Datasheet
971Kb / 3P
IP68 water resistant, enabling submerged operation
More results


Similar Description - SDDH15PNBTD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14778 MAXIM-MAX14778 Datasheet
2Mb / 15P
Dual 25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 0; 6/11
MAX14778 MAXIM-MAX14778_12 Datasheet
2Mb / 15P
Dual ±25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 1; 6/12
MAX14759 MAXIM-MAX14759 Datasheet
2Mb / 16P
Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
logo
Littelfuse
SP1002-02JTG LITTELFUSE-SP1002-02JTG Datasheet
548Kb / 1P
Audio ports typically have signals that swing above and below GND
logo
List of Unclassifed Man...
SDA15SNT ETC2-SDA15SNT Datasheet
745Kb / 6P
Plug viewed from above, socket viewed from below.
logo
DB Unlimited.
IE122305-1 DBUNLIMITED-IE122305-1 Datasheet
683Kb / 1P
Released from Engineering
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
3.3V from a single AA battery or from
logo
Maxim Integrated Produc...
MAX14760 MAXIM-MAX14760 Datasheet
1Mb / 13P
Above- and Below-the-Rails Low-Leakage Analog Switches
19-6052; Rev 1; 8/12
MAX14778 MAXIM-MAX14778_V01 Datasheet
1Mb / 16P
Dual 짹25V Above- and Below-the-Rails 4:1 Analog Multiplexer
19-5929; Rev 3; 7/20
logo
WECO ELECTRICAL CONNECT...
971-FBS WECO-971-FBS Datasheet
99Kb / 1P
Plug connector Screw connection, plugable from backside
12.17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com