Electronic Components Datasheet Search
  English  ▼

X  

184090 Datasheet (PDF) - Tyco Electronics

Part # 184090
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
File Size   441.43 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

184090 Datasheet (PDF) - Tyco Electronics



Similar Part No. - 184090

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1840920000 WEIDMULLER-1840920000 Datasheet
312Kb / 22P
System pitch 5.00 mm (0.197 inch) BL 5.00/02/180 SN BK BX
February 14, 2011 12:47:53 PM
1840920000 WEIDMULLER-1840920000 Datasheet
443Kb / 6P
SL-SMT 5.00HC/02/180 3.2SN BK BX
1840930000 WEIDMULLER-1840930000 Datasheet
448Kb / 6P
SL-SMT 5.00HC/03/180 3.2SN BK BX
1840940000 WEIDMULLER-1840940000 Datasheet
449Kb / 6P
SL-SMT 5.00HC/04/180 3.2SN BK BX
1840950000 WEIDMULLER-1840950000 Datasheet
449Kb / 6P
SL-SMT 5.00HC/05/180 3.2SN BK BX
More results


Similar Description - 184090

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
68010 MACOM-68010 Datasheet
653Kb / 9P
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
SPLICE,PARALLEL,COPALUM,STRANDED
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
logo
TE Connectivity Ltd
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com