Electronic Components Datasheet Search
  English  ▼

X  

IMB11A Datasheet (PDF) - Rohm

Part # IMB11A
Description  PNP -100mA -50V Complex Digital Transistors
File Size   486.32 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMB11A Datasheet (PDF) - Rohm



Similar Part No. - IMB11A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMB11A ROHM-IMB11A Datasheet
74Kb / 3P
General purpose (dual digital transistors)
IMB11A ROHM-IMB11A Datasheet
1Mb / 11P
General purpose Dual digital transistors
More results


Similar Description - IMB11A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors
IMH2AT110 ROHM-IMH2AT110 Datasheet
681Kb / 8P
NPN 100mA 50V Complex Digital Transistors
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
NPN 100mA 50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
NPN 100mA 50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com