Electronic Components Datasheet Search
  English  ▼

X  

P6B-C2 Datasheet (PDF) - Omron Electronics LLC

Part # P6B-C2
Description  Subminiature Relay that Switches up to 5 A
File Size   542.52 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6B-C2 Datasheet (PDF) - Omron Electronics LLC



Similar Part No. - P6B-C2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P6B-C2 OMRON-P6B-C2 Datasheet
2Mb / 12P
PCB Power Relay
P6B-C2 OMRON-P6B-C2 Datasheet
35Kb / 1P
Back Connecting Sockets
More results


Similar Description - P6B-C2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6B ETC1-G6B Datasheet
423Kb / 7P
Sub-miniature Relay that Switches up to 5 A
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
Subminiature Toggle Switches
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
Subminiature Rocker Switches
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
Subminiature Relay that Switches up to 5 A
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
logo
C&K Components
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
Subminiature Pushbutton Switches
logo
TE Connectivity Ltd
1-1773844-3 TEC-1-1773844-3 Datasheet
2Mb / 2P
SUBMINIATURE SWITCHES
logo
Eaton All Rights Reserv...
ZB12-4 EATON-ZB12-4 Datasheet
139Kb / 5P
Overload relay ZB up to 150 A
11/04/2022
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
Subminiature Pushbutton Switches
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com