Electronic Components Datasheet Search
  English  ▼

X  

ELC-970-17 Datasheet (PDF) - Roithner LaserTechnik GmbH

Part # ELC-970-17
Description  It has a typical emission wavelength of 970 nm
File Size   443.94 Kbytes
Html View  1 
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ELC-970-17 Datasheet (PDF) - Roithner LaserTechnik GmbH



Similar Part No. - ELC-970-17

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELC-905-17 EPIGAP-ELC-905-17 Datasheet
88Kb / 1P
LED - Chip
logo
Roithner LaserTechnik G...
ELC-905-17 ROITHNER-ELC-905-17 Datasheet
444Kb / 1P
It has a typical emission wavelength of 905 nm
logo
EPIGAP optoelectronic G...
ELC-910-11 EPIGAP-ELC-910-11 Datasheet
101Kb / 1P
LED - Chip
ELC-910-12 EPIGAP-ELC-910-12 Datasheet
26Kb / 1P
LED - Chip
ELC-910-17 EPIGAP-ELC-910-17 Datasheet
73Kb / 1P
LED - Chip
More results


Similar Description - ELC-970-17

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1077N1-R MARKTECH-MTE1077N1-R Datasheet
647Kb / 4P
Peak Emission Wavelength: 770nm
logo
Roithner LaserTechnik G...
LDM-0808-300M-91 ROITHNER-LDM-0808-300M-91 Datasheet
186Kb / 3P
CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package
LDM-0808-1000-93 ROITHNER-LDM-0808-1000-93 Datasheet
184Kb / 3P
CW Output Power: 1 W Typical 808 nm Emission Wavelength High-efficiency Quantum Well Structure TO5 Package
LDM-0980-300M-92 ROITHNER-LDM-0980-300M-92 Datasheet
179Kb / 3P
CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package
LDS-1310-005-BL ROITHNER-LDS-1310-005-BL Datasheet
141Kb / 3P
Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency
ELC-610-14 ROITHNER-ELC-610-14 Datasheet
431Kb / 1P
It has a typical emission wavelength of 610 nm
ELC-690-25 ROITHNER-ELC-690-25 Datasheet
448Kb / 1P
It has a typical emission wavelength of 690 nm
ELC-870-17-2 ROITHNER-ELC-870-17-2 Datasheet
447Kb / 1P
It has a typical emission wavelength of 870 nm
ELC-905-17 ROITHNER-ELC-905-17 Datasheet
444Kb / 1P
It has a typical emission wavelength of 905 nm
logo
Luminus, Inc
XBT-1313-UV LUMINUS-XBT-1313-UV Datasheet
1Mb / 11P
UVC LED with emission wavelength between 280 nm and 286 nm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com