Electronic Components Datasheet Search
  English  ▼

X  

36130052500 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 36130052500
Description  CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
File Size   111.03 Kbytes
Html View  1   2   3   4 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

36130052500 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 36130052500

ManufacturerPart #DatasheetDescription
logo
Lumberg
361302 LUMBERG-361302 Datasheet
673Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361303 LUMBERG-361303 Datasheet
673Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361304 LUMBERG-361304 Datasheet
673Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361305 LUMBERG-361305 Datasheet
673Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361306 LUMBERG-361306 Datasheet
673Kb / 4P
RAST 5 connectors, pitch 5.0 mm
More results


Similar Description - 36130052500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1594A ETC2-1594A Datasheet
109Kb / 4P
CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
1212F ETC2-1212F Datasheet
109Kb / 3P
CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
2413 ETC2-2413 Datasheet
116Kb / 5P
CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
2413F ETC2-2413F Datasheet
109Kb / 4P
CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
3612 ETC2-3612 Datasheet
110Kb / 4P
CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable
logo
Belden Inc.
2413 BELDEN-2413 Datasheet
274Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
10GX13 BELDEN-10GX13 Datasheet
177Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com