Electronic Components Datasheet Search
  English  ▼

X  

XR76120EVB Datasheet (PDF) - Exar Corporation

Part # XR76120EVB
Description  PowerBloxTM 15A and 20A Synchronous
File Size   1003.18 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76120EVB Datasheet (PDF) - Exar Corporation



Similar Part No. - XR76120EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76121EL-F EXAR-XR76121EL-F Datasheet
1Mb / 18P
PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76121EL-F EXAR-XR76121EL-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 18P
PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
More results


Similar Description - XR76120EVB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
logo
Eldeco Srl
CMD-VF ELDECO-CMD-VF Datasheet
297Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
CRS-5 ELDECO-CRS-5 Datasheet
342Kb / 1P
Standard : UL - IEC 300V - 320V 15A - 20A
logo
Exar Corporation
XR76117 EXAR-XR76117 Datasheet
3Mb / 18P
PowerBloxTM 15A Synchronous
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
ON Semiconductor
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
15A Synchronous Buck Regulator
Rev. 1.1
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
20A Synchronous Buck Regulator
Rev. 1.1
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
15A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV70AMPX ONSEMI-FAN23SV70AMPX Datasheet
2Mb / 22P
20A Synchronous Buck Regulator
April 2016 Rev. 1.1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com